Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 662 page
background image
PLL (Phase Locked Loop) Circuit Detail
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-11
Figure 6-7. PLL Output Frequency vs. Input Frequency
The lock time of the PLL is, in many applications, the most critical PLL design parameter. Proper
use of the PLL ensures the highest stability and lowest lock time.
6.3.6.1 PLL Lock Time Determination
Typical control systems refer to the lock time as the reaction time, within specified tolerances, of
the system to a step input. In a PLL the step input occurs when the PLL is turned on or when it
suffers a noise hit. The tolerance is usually specified as a percent of the step input or when the
output settles to the desired value plus or minus a percent of the frequency change. Therefore, the
reaction time is constant in this definition regardless of the size of the step input.
When the PLL is coming from a powered down state (PDN is high) to a powered up condition
(PDN is low) the maximum lock time is 10msec.
Other systems refer to lock time as the time the system takes to reduce the error between the
actual output and the desired output to within specified tolerances. Therefore, the lock time varies
according to the original error in the output. Minor errors may be shorter or longer in many cases.
1
10
100
1000
0
5
10
15
20
25
30
35
40
Fref [MHz]
Fvco_out = 80
Fvco_out = 240
The recommended VCO output range is bounded by
a high frequency of 240 MHz and a low frequency of
80 MHz. The lower the value of CGMDB[PLLDB]
("n"), the faster the lock time for the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com