Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 662 page
background image
CGM Functional Detail
5685X Digital Signal Controller User Manual, Rev. 4
6-12
Freescale Semiconductor
6.3.6.2 PLL Parametric Influences on Reaction Time
Lock time is designed to be as short as possible while still providing the highest possible stability.
Many factors directly and indirectly affect the lock time.
The most critical parameter affecting the reaction time of the PLL, is the Reference Frequency
(Fref). This frequency is the input to the phase detector and controls how often the PLL makes
corrections. For stability, the corrections must be small compared to the desired frequency, so
several corrections are required to reduce the frequency error. Therefore, the slower the
Reference Frequency (Fref), the longer it takes to make these corrections.
Temperature and processing also can affect acquisition time because the electrical characteristics
of the PLL change. The part operates as specified as long as these influences stay within the
specified limits.
6.4 CGM Functional Detail
The CGM controls the PLL, detects PLL lock, and is used to generate the master clock to the
SIM. The CPU clock is one half the frequency of the master clock while the IPBus clock is one
fourth the frequency. The SIM handles these clock divisions. The master clock source can be
either the oscillator output or the analog PLL output. The oscillator output (Fref) will typically be
4MHz, but a faster active clock can be driven into the XTAL pin at speeds of up to 240MHz. The
PLL output can be up to 240MHz.
In order to use the PLL, the proper divide by factor and post scaler values should be programmed
into the CGMDB register. Next, the PLL is turned on by setting the Power-Down (PDN) bit in
the CGMCR to zero. The user should then wait for the PLL to achieve lock before changing the
SEL bit to select the PLL output as the master clock.
6.4.1 PLL Frequency Lock Detector
This CGM function monitors the VCO output clock and sets the LCK1 and LCK0 bits in the
CGM Control register based on the frequency accuracy. The lock detector is enabled with the
LCKON bit of the CGMCR as well as the PDN bit. Once enabled, the detector starts two
counters whose outputs are periodically compared. The input clocks to these counters are the
VCO output clock divided by the divide-by factor, feedback, and the crystal reference clock,
Fref. The period of the pulses being compared cover one whole period of each clock because the
feedback clock doesn’t guarantee a 50 percent duty cycle.
Counts are compared after 16, 32, and 64 cycles. If the counts match after 32 cycles, the LCK0
bit is set to 1. If the counts match after 64 cycles, the LCK1 bit is also set. The LCK bits stay set
until the counts fail to match or if a new value is written to the PLLDB field or on reset caused by
LCKON, PDN, or chip level reset. When the circuit sets LCK1, the two counters are reset and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com