Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 662 page
background image
PLL (Phase Locked Loop) Circuit Detail
5685X Digital Signal Controller User Manual, Rev. 4
6-10
Freescale Semiconductor
where m is the value on the postscaler and can range from 0 to 7.
Example: Let Fref = 32MHz, n = 4, and m = 3, using the formulas gives:
Fpll_out = (32MHz
× (4+1)) / 8
Fpll_out = 20MHz.
For the 4MHz input crystal the valid range of n will be from 19 to 59, producing the same VCO
output range, 80MHz to 240MHz.
6.3.6 PLL Lock Time User Notes
The PLL’s Voltage Controlled Oscillator (VCO) has a characterized operating range extending
from 80MHz to 240MHz. The PLL is programmable via a divide by n+1 register, able to take on
values varying between 1 and 128. For higher values of n, PLL lock time becomes an issue. It is
recommended to avoid values of n resulting in the VCO frequency being greater than 240MHz.
The graphic in Figure 6-7 depicts the range of recommended output frequencies of VCO_OUT,
plotting n versus the input frequency (Fref). The lower the value of n, the quicker the PLL will be
able to lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com