Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 662 page
background image
Register Descriptions (CGM_BASE = $1FFF10)
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-13
start the count again. The lock detector is designed so if LCK1 is reset to 0 because the counts did
not match when checked after 64 cycles, the LCK0 bit can remain high if the counts matched
after 32 cycles. This provides the processor the accuracy of the two clocks with respect to each
other.
6.5 Module Memory Map
There are three registers on the CGM peripheral described in Table 6-1.
6.6 Register Descriptions (CGM_BASE = $1FFF10)
6.6.1 Clock Generation Module (CGM) Control Register
Figure 6-9. CGM Control Register (CGMCR)
See Programmer’s Sheet on Appendix page B-14
6.6.1.1 Reserved—Bits 15–14
This bit field is reserved or not implemented. It is read as 0, but cannot be modified by writing.
Table 6-1.
CGM Memory Map $1FFF10
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
CGMCR
Control Register
Read/Write
Section 6.6.1
Base + $1
CGMDB
Divide-By Register
Read/Write
Section 6.6.2
Base + $2
CGMTOD
Time-of-Day Register
Read/Write
Section 6.6.3
Add.
Offset
Register Name
15
14
13
12
11
10
9876
54321
0
$0
CGMCR
R
0
0
LCK1
LCK0
SEL
0
0
0
0
LCK1_IE
LCK0_IE
LCK
ON
TOD_
SEL
PDN
W
$1
CGMDB
R
POST
0
0
0
0
0
0
PLLDB
W
$2
CGMTOD
R
0
0
0
0
TOD
W
R
0
Read as 0
W
Reserved
Figure 6-8. OCCS Register Map Summary
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
LCK1 LCK0
SEL
0
0
0
0
LCK1_IE
LCK0_IE
LCKON TOD_SEL PDN
Write
Reset
00
0
0
0
0
00
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com