Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 662 page
background image
PLL (Phase Locked Loop) Circuit Detail
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-9
6.3.1 Phase Frequency Detector
The Phase Frequency Detector (PFD) compares the clock signal from the feedback divider to the
input clock. When the input clock comes before the feedback clock the PFD generates a down
pulse signal. The down pulse signal continues until the feedback clock signal arrives. If the
feedback clock arrives at the PFD before the input clock, the PFD generates an up pulse,
continuing until the input clock signal arrives.
6.3.2 Charge Pump
The Charge Pump draws charge into or out of the Loop Filter depending upon the signals from
the Phase Frequency Detector. As charge is added to the Loop Filter the VCO control voltage
increases. As charge is pulled out of the Loop Filter, the VCO control voltage decreases.
6.3.3 Loop Filter
The Loop Filter produces a voltage proportional to the amount of charge pumped into or out of
the Loop Filter by the charge pump. The Loop Filter is a single pole RC filter.
6.3.4 Voltage Controlled Oscillator
The Voltage Controlled Oscillator (VCO) produces a frequency inversely proportional to the
value of the control voltage signal coming out of the Loop Filter. The VCO gain is approximately
109MHz/Volt. The VCO has a frequency range of 80MHz to 380MHz with a center frequency of
240MHz.
6.3.5 Down Counter
The Down Counter is a programmable divide by n counter where the divide integer n is user-set
to develop the PLL output frequency of interest. By presenting only one return pulse out of n
input pulses to the return clock of the phase frequency detector, the PFD will drive the charge
pump to raise the VCO frequency until the Down Counter return signal is in frequency and phase
lock with the input clock signal. The output of the VCO will, therefore, be n times the frequency
of the input clock signal. The value of n has a valid range of 19 to 119. The selected value of n
depends upon the desired VCO output frequency and the input clock frequency (Fref). For the
2MHz input crystal the valid range of n will range from 39 to 119, producing a VCO frequency
output of 80MHz to 240MHz according to the formula:
Fvco_out = Fref
× (n+1)
The VCO’s output frequency is routed through a postscaler so the final PLL output frequency is
given by:
Fpll_out = Fvco_out / 2
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com