Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 662 page
background image
OSC (Oscillator) Circuit Detail
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-5
6.2.1 Using an External Crystal
Figure 6-3 illustrates the typical application details for using an external crystal. A 4MHz, At
cut, parallel resonant crystal is mounted across XTAL and EXTAL pins. A 1 Mohm bias resistor
is paralleled to that connection. The default path for TIME_CLK generation (the differential
amplifier path) is recommended and therefore CGMCR[TOD] register setting is a don’t care.
Please see Section 6.2.4 for further details.
Figure 6-3. Using an External Crystal
The values of Rs, CL1 and CL2 are determined with assistance of your crystal manufacturer. In
general, CL1 and CL2 are used to pull the crystal to the intended frequency and establish the
Equivalent Series Resistance (ESR). Rs eliminates some of the inverter’s gain (by an amount
appropriate for the resulting ESR).
Note:
The CGMCR register’s TOD_SEL field may be set to either 0 or 1. The recommended
setting of 0 allows very low power operation when executing a STOP instruction.
1 Mohm
EXTAL
CGMCR[TOD_SEL] = 0
Note (1)
BOLD represents default states and typical
conditions.
1) See STOP Mode Features for further
details
2) AT cut quartz crystal or ceramic
resonator. Crystal vendor to supply values
for Rs, CL1 and CL2
Fref
(4 MHz)
TIME_CLK (31.25 KHz)
XTAL
128
.
.
2
.
.
(1)
OSC_LOPWR
Notes (1)
Bandwidth
limited
to 4 MHz
4 MHz
Note (2)
Rs
CL1
CL2
Ftime
(31.25 KHz)
.
.
CGMCR[TOD] = (don’t care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com