Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 662 page
background image
OSC (Oscillator) Circuit Detail
5685X Digital Signal Controller User Manual, Rev. 4
6-6
Freescale Semiconductor
6.2.2 Using an External Active Clock Source Below 4 MHz
When using an external active clock source of a frequency less than, or equal to, 4MHz then the
connections shown below are recommended. Here, the EXTAL pin is biased to 1.65V and XTAL
is driven with a 0 to 3.3V square wave clock signal. The TIME_CLK source path is the same as
above, using the fixed divide by 128 block and channel 0 of the MUX.
Figure 6-4. Using an External Active Low Frequency Clock, < 4 MHz
Note:
The CGMCR register’s TOD_SEL field may be set to either 0 or 1. The recommended
setting of 0 allows very low power operation when executing a STOP instruction. If,
however, a setting of 1 is used, then EXTAL can be tied to ground, to mid-rail (as
shown), or high. If TOD_SEL is set to 1, then the optimal connection of EXTAL is to
ground.
EXTAL
CGMCR[TOD_SEL] = 0
Note (1)
BOLD represents default states and typical
conditions.
1) See STOP Mode Features for further
details
Fref
(4 MHz)
TIME_CLK (31.25 KHz)
XTAL
128
.
.
2
.
.
(1)
OSC_LOPWR
Notes (1)
Bandwidth limited
to 4 MHz
Ftime
(31.25 KHz)
Low Frequency Digital Clock
(4 MHz)
.
.
CGMCR[TOD] = (don’t care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com