Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 662 page
background image
Register Descriptions (CGM_BASE = $1FFF10)
5685X Digital Signal Controller User Manual, Rev. 4
6-14
Freescale Semiconductor
6.6.1.2 Lock 1 Status (LCK1)—Bit 13
This bit shows the status of the lock detector state for the LCK1 circuit. Changes in the state of
this bit can be used to cause interrupts in conjunction with the LCK1 Interrupt Enable bits. The
LCK1 interrupt is cleared by writing 1 to this bit.
•
0 = PLL not locked
•
1 = PLL locked
6.6.1.3 Lock 0 Status (LCK0)—Bit 12
This bit shows the status of the lock detector state for the LCK0 circuit. Changes in the state of
this bit can be used to cause interrupts in conjunction with the LCK0 Interrupt Enable bits. The
LCK0 interrupt is cleared by writing 1 to this bit.
•
0 = PLL not locked
•
1 = PLL locked
6.6.1.4 Clock Source Select (SEL)—Bit 11
This bit is used to control the source of the master clock to the SIM.
•
0 = Oscillator output selected by default
•
1 = PLL output selected
6.6.1.5 Reserved—Bits 10–7
This bit field is reserved or not implemented. It is read as 0, but cannot be modified by writing.
6.6.1.6 Lock 1 Interrupt Enable (LCK1_IE)—Bits 6–5
An optional interrupt can be generated if the PLL lock status bit (LCK1) changes.
•
00 = Disable interrupt by default
•
01 = Enable interrupt on rising edge of LCK1
•
10 = Enable interrupt on falling edge of LCK1
•
11 = Enable interrupt on any edge of LCK1
6.6.1.7 Lock 0 Interrupt Enable (LCK0_IE)—Bits 4–3
An optional interrupt can be generated if the PLL Lock (LCK0) status bit changes.
•
00 = Disable interrupt by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com