Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 662 page
background image
Register Descriptions (CGM_BASE = $1FFF10)
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-15
•
01 = Enable interrupt on rising edge of LCK0
•
10 = Enable interrupt on falling edge of LCK0
•
11 = Enable interrupt on any edge of LCK0
6.6.1.8 Lock Detector On (LCKON)—Bit 2
•
0 = Lock detector disabled by default
•
1= Lock detector enabled
6.6.1.9
Time-of-Day Clock Source Select (TOD_SEL)—Bit 1
This bit is used to select between two possible TIME_CLK sources. The oscillator can generate
the TIME_CLK only when the input clock on either the EXTAL or XTAL pins in 4MHz or less.
When driving high speed clocks into XTAL, the CGM must generate the TIME_CLK using the
CGMTOD register. This bit is only reset by Power-On Reset (POR) conditions.
•
0 = TIME_CLK is generated by oscillator as default
•
1 = TIME_CLK is generated by CGM
6.6.1.10 PLL Power-Down (PDN)—Bit 0
The PLL can be turned off by setting the PDN bit to one. There is a four IPBus clock delay from
changing the bit to signaling the PLL. When the PLL is powered down, the clock select logic
automatically switches to the oscillator output in order to prevent loss of clock to the core.
•
0 = PLL turned on
•
1 = PLL powered down by default
6.6.2 Clock Generation Module (CGM) Divide-By Register
Figure 6-10. CGM Divide-By Register (CGMDB)
See Programmer’s Sheet on Appendix page B-16
6.6.2.1 PLL Post Scaler (POST)—Bits 15–13
The output of the PLL is postscaler by 1 to 128 based on this field. When changing this field, it is
recommended the SEL bit is set to choose the oscillator output, changing this field, then the SEL
bit is returned to selecting the PLL’s postscaler output.
•
000 = PLL output is divided by one by default
•
001 = PLL output is divided by two
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
POST
0
0
0
0
0
0
PLLDB
Write
Reset
00
000
00
00
011
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com