Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 662 page
background image
OCCS Resets
5685X Digital Signal Controller User Manual, Rev. 4
6-16
Freescale Semiconductor
•
010 = PLL output is divided by four
•
011 = PLL output is divided by eight
•
100 = PLL output is divided by 16
•
101 = PLL output is divided by 32
•
110 = PLL output is divided by 64
•
111 = PLL output is divided by 128
6.6.2.2 Reserved—Bits 12–7
This bit field is reserved or not implemented. It is read as 0, but cannot be modified by writing.
6.6.2.3 PLL Divide-By (PLLDB)—Bits 6–0
The VCO output frequency is controlled by the PLL divide-by value. Each time a new value is
written into the PLLDB field, the Lock Detector circuit is reset. Before changing the divide-by
value, it is recommended the SEL bit be set to choose the oscillator output. The VCO output
frequency is determined by using the following formula:
Fvco_out = Fref
× (PLLDB + 1)
6.6.3 Clock Generation Module (CGM) Time-of-Day Register
Figure 6-11. CGM Time-of-Day Register (CGMTOD)
See Programmer’s Sheet on Appendix page B-17
6.6.3.1 Reserved—Bits 15–12
This bit field is reserved or not implemented. It is read as 0, but cannot be modified by writing.
6.6.3.2 TOD Scale Factor (TOD)—Bits 11–0
The output of the oscillator is divided by (TOD + 1) and then divided by 2, generating the
TIME_CLK used by the COP module when TOD_SEL is high. The value of TOD should be
chosen to result in a TOD clock frequency in the range of 15.12KHz to 31.25KHz. This register
is only reset during Power-On Reset (POR).
6.7 OCCS Resets
The CGM registers are reset by a chip level reset. This forces all registers to their reset state and
selects the oscillator output as the master clock source for the SIM.
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
TOD
Write
Reset
00
000
00
00
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com