Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LM185WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Product Specification
4 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
1. General description
LM185WH2-TLA1 is a Color Active Matrix Liquid Crystal Display with a Light Emitting Diode
( White LED) backlight system without LED Driver. The matrix employs a-Si Thin Film Transistor
as the active element. It is a transmissive type display operating in the normally white mode.
It has a 18.5 inch diagonally measured active display area with HD resolution (768 vertical by
1366 horizontal pixel array) Each pixel is divided into Red, Green and Blue sub-pixels or dots
which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 8-bit gray scale signal for each dot, thus, presenting a palette of more than
16,7M colors with Advanced-FRC(Frame Rate Control). It has been designed to apply the
interface method that enables low power, high speed, low EMI. FPD Link or compatible must be
used as a LVDS chip. It is intended to support applications where thin thickness, wide viewing
angle, low power are critical factors and graphic displays are important. In combination with the
vertical arrangement of the sub-pixels, the LM185WH2-TLA1 characteristics provide an excellent
flat panel display for office automation products such as monitors.
General features
Outline Dimension
430.4(H) x 254.6(V) x 9.7(D) mm(Typ.)
Active screen size
18.51 inches (470.1mm) diagonal
Pixel Pitch
0.10*RGB(H)mm x 0.30(V)mm
Pixel Format
1366 horizontal By 768 vertical Pixels. RGB stripe arrangement
Color depth
16.7M colors
Luminance, white
250 cd/m2 ( Center 1Point, typ)
Power Consumption
Weight
1,000g (Typ.)
Display operating mode
Transmissive mode, Normally White
Surface treatments
Hard coating(3H), Anti-glare treatment of the front polarizer
Interface
LVDS 1Port
Viewing Angle (CR>10)
R/L 170(Typ.), U/D 160(Typ.)
Total 12.82W(Typ.), (3.60 W@V
LCD , 9.22W@IBL = 60 mA)
CN1
LVDS
pair #1
Power circuit
block
+5V
VLCD
Source driver circuit
TFT-LCD Panel
(1366×RGB×768 pixels)
G1
S1
S1366
G768
RGB
Timing
controller
FIG. 1 Block diagram
Backlight assembly (White LED)
Vled 3ch
Color Gamut
68% CIE1931
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com