Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Product Specification
21 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
FIG. 9 Response time
4. Response time is the time required for the display to transition from black to white
(Decay Time, Tr
D) and from white to black (Rise Time, TrR)
The sampling rate is 2,500 sample/sec. For additional information see FIG. 9.
The response time is defined as the following figure and shall be measured by
switching the input signal for each gray to gray.
5. Viewing angle is the angle at which the contrast ratio is greater than 10 or 5. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis
which is normal to the LCD surface. For more information see FIG. 10 .
FIG. 10 Viewing angle
100
90
10
0
[%]
Optical
response
white
black
white
TrR
TrD
Notes :
<Dimension of viewing angle range>
Normal
Y
E
φ
θ
φ = 0°, Right
φ = 180°, Left
φ = 270°, Down
φ = 90°, Up
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com