Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Product Specification
11 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
Notes
Unit
Max
Min
Symbol
Description
90MHz > Fclk ≥ 65MHz
ps
+ 400
- 400
t
SKEW
LVDS Clock to Data Skew Margin
-
-
65MHz > Fclk ≥ 25MHz
%
±
3
-
F
DEV
Maximum deviation
of input clock frequency during SSC
KHz
200
-
F
MOD
Maximum modulation frequency
of input clock during SSC
- 600
ps
+ 600
t
SKEW
-
V
2.1
0.3
V
IN
LVDS Input Voltage Range
-
V
1.8
0.6
V
CM
LVDS Common mode Voltage
-
mV
600
200
|V
ID|
LVDS Differential Voltage
Notes
Unit
Max
Min
Symbol
Description
3-3-1. DC Specification
3-3-2. AC Specification
3-3. LVDS characteristics
LVDS Data
t SKEW
LVDS Clock
Tclk
t SKEW (Fclk = 1/Tclk )
1) 90 MHz > Fclk
≥ 65MHz : - 400 ~ + 400
2) 65 MHz > Fclk
≥ 25MHz : - 600 ~ + 600
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com