Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Product Specification
7 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
Table 3. LED Bar ELECTRICAL CHARACTERISTICS
4,6
Watt
10.08
9.22
-
PBar
Power Consumption
5
Hrs
-
-
30,000
LED_LT
LED Life Time
3
V
56
51.2
-
Vs
LED String Voltage
1
LED :
2
mA
65
60
-
Is
LED String Current
Note
s
Max.
Typ.
Min.
Unit
Values
Condition
Symbol
Parameter
LED driver design guide
: The design of the LED driver must have specifications for the LED in LCD Assembly.
The performance of the LED in LCM, for example life time or brightness, is extremely
influenced by the characteristics of the LED driver.
So all the parameters of an LED driver should be carefully designed and output current
should be Constant current control.
Please control feedback current of each string individually to compensate the current variation
among the strings of LEDs
When you design or order the LED driver, please make sure unwanted lighting caused by
the mismatch of the LED and the LED driver (no lighting, flicker, etc) never occurs.
When you confirm it, the LCD module should be operated in the same condition as installed
in your instrument.
1. Specified values are for a single LED bar.
2. The specified current is input LED chip 100% duty current.
3. The specified voltage is input LED string and Bar voltage at typical 60mA 100% duty current.
4. The specified power consumption is input LED bar power consumption at typical 60 mA 100%
duty current.
5. The life is determined as the time at which luminance of the LED is 50% compared to that of
initial value at the typical LED current on condition of continuous operating at 25
± 2°C.
6. The LED bar power consumption shown above does not include loss of external driver.
The used LED bar current is the LED typical current.
Min Power Consumption is calculated with PBar = Vs(Min.) x Is(Typ.) x Nstring
Max Power Consumption is calculated with PBar = Vbar(Max.) x Is(Typ) x Nstring
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com