Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Product Specification
8 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
3-2. Interface connections
Table 4. Module connector(CN1) pin configuration
LCD Connector(CN1): GT103-30S-HF15-E2500 or IS100-L30O-C23 (UJU)
Mating connector : FI-X30H and FI-X30HL (JAE) or Equivalent
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Pin No
Symbol
Description
No Connection (For LCD internal use only.)
Reference signal for inverter control
No Connection (For LCD internal use only.)
Ground
Minus signal of channel 0 (LVDS)
Plus signal of channel 0 (LVDS)
Ground
Minus signal of channel 1 (LVDS)
Plus signal of channel 1 (LVDS)
Ground
Minus signal of channel 2 (LVDS)
Plus signal of channel 2 (LVDS)
Ground
Minus signal of clock channel (LVDS)
Plus signal of clock channel (LVDS)
Ground
Minus signal of channel 3 (LVDS)
Plus signal of channel 3 (LVDS)
Ground
No Connection (For LCD internal use only.)
No Connection (For LCD internal use only.)
No Connection (For LCD internal use only.)
Ground
Ground
Ground
Power Supply (5.0V)
Power Supply (5.0V)
Power Supply (5.0V)
Power Supply (5.0V)
Power Supply (5.0V)
NC
PWM_OUT
NC
GND
RX0-
RX0+
GND
RX1-
RX1+
GND
RX2-
RX2+
GND
RXCLK-
RXCLK+
GND
RX3-
RX3+
GND
NC
NC
NC
GND
GND
GND
VLCD
VLCD
VLCD
VLCD
VLCD
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com