Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 14 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 14 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Product Specification
14 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
3-4. Signal timing specifications
Table 7. Timing table
This is the signal timing required at the input of the User connector. All of the interface signal
timing should be satisfied with the following specifications for it’s proper operation.
Notes:
1. LM185WH2-TLA1 is DE Only mode operation. The input of Hsync & Vsync signal does not
have an effect on LCD normal operation.
2. The performance of the electro-optical characteristics may be influenced by variance of the
vertical refresh rates.
3. Horizontal period should be even.
kHz
60.6
47.9
38.3
f
H
Hsync Frequency
-
-
4
t
HD
Data Hold Time
For D
CLK
ns
-
-
4
t
SI
DE Setup Time
-
-
4
t
HI
DE Hold Time
Hz
76
60
48
f
V
Vsync Frequency
1108
798
776
t
VP
V Period Total
For D
CLK
Notes
ns
t
HP
t
CLK
MHz
ns
Unit
-
768
2044
1366
90.0
16.2
Max.
-
768
1608
1366
77.0
13.0
Typ.
4
768
1462
1366
61.6
11.1
Min.
t
SD
t
VV
t
HP
t
HV
f
CLK
t
CLK
Symbol
Data Setup Time
Vertical Valid
H Period Total
Horizontal Valid
Frequency
Period
Data
DE
(Data Enable)
Vertical
Horizontal
D
CLK
Parameter
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com