Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Product Specification
10 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
The LED interface connector is a model (10)FH-SM1-GAN (LF)-(SN) manufactured by JST.
The mating connector part number are TBD or equivalent.
The pin configuration for the connector is shown in the table below.
[ Figure 5 ] Backlight connector diagram
Table 5. BACKLIGHT CONNECTOR PIN CONFIGURATION
FB2
Channel2 Current Feedback
FB2
8
No Connection
NC
9
No Connection
NC
4
LED Power Supply
VLED
5
LED Power Supply
VLED
6
FB1
Channel1 Current Feedback
FB1
7
No Connection
NC
10
FB3
Channel3 Current Feedback
FB3
3
No Connection
NC
2
No Connection
NC
1
Notes
Description
Symbol
Pin
PCB
10
1
LED
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com