Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 24 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 24 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 28Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Product Specification
24 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
5. Mechanical characteristics
The contents provide general mechanical characteristics. In addition the figures in the next
page are detailed mechanical drawing of the LCD.
Notes : Please refer to a mechanic drawing in terms of tolerance at the next page.
Table 12. Mechanical characteristics
1,000g (Typ.) 1,050g (Max)
Weight
230.400 mm
Vertical
Hard coating(3H)
Anti-glare treatment of the front polarizer
Surface treatment
234.0 mm
Vertical
254.6 mm
Vertical
9.70 mm
Depth
409.800 mm
Horizontal
Active display area
413.4 mm
Horizontal
Bezel area
430.4 mm
Horizontal
Outline dimension
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com