Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 28 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 31Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Product Specification
28 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
7. International standards
7-1. Safety
7-2. EMC
a) ANSI C63.4 “Methods of Measurement of Radio-Noise Emissions from Low-Voltage
Electrical and Electrical Equipment in the Range of 9kHZ to 40GHz. “American National
Standards Institute(ANSI),1992
b) C.I.S.P.R “Limits and Methods of Measurement of Radio Interface Characteristics of
Information Technology Equipment.“ International Special Committee on Radio
Interference.
c) EN 55022 “Limits and Methods of Measurement of Radio Interface Characteristics of
Information Technology Equipment.“ European Committee for Electro-technical
Standardization.(CENELEC), 1998 ( Including A1: 2000 )
a) RoHS, Directive 2002/95/EC of the European Parliament and of the council of 27
January 2003
7-3. Environment
a) UL 60065, Seventh Edition, Underwriters Laboratories Inc.
Audio, Video and Similar Electronic Apparatus - Safety Requirements.
b) CAN/CSA C22.2 No.60065:03, Canadian Standards Association.
Audio, Video and Similar Electronic Apparatus - Safety Requirements.
c) EN 60065:2002 + A11:2008, European Committee for Electro technical Standardization
(CENELEC).
Audio, Video and Similar Electronic Apparatus - Safety Requirements.
Class 1M LED Product
IEC60825-1 : 2001
Embedded LED Power (Class1M)
Power : 4.3275 mW (Max.)
Wavelength : 444 (nm)
Width : 0.5 x 0.5 (mm)
Notes
1. Laser (LED Backlight) Information (SEOUL SEMICONDUCTOR, EWT719PA)
2. Caution
: LED inside.
Class 1M laser (LEDs) radiation when open.
Do not open while operating.
d) IEC 60065:2005 + A1:2005, The International Electro technical Commission (IEC).
Audio, Video and Similar Electronic Apparatus - Safety Requirements.
(Including report of IEC60825-1:2001 clause 8 and clause 9)
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com