Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Product Specification
17 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
3-7. Power sequence
Notes :
1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for
LCD V
LCD to 0V.
3. Lamp power must be turn on after power supply for LCD an interface signal are valid.
Interface Signal (Tx)
Power for LED
VLCD
Power Supply For LCD
Table 9. Power sequence
s
-
-
1
T7
ms
50
-
0.01
T2
ms
ms
-
-
500
T3
-
-
200
T4
ms
50
-
0.01
T5
ms
10
-
0.5
T1
Max
Typ
Min
Units
Values
Parameter
10%
90%
90%
10%
T1
T2
T5
T7
T3
T4
Valid data
LED on
0V
OFF
OFF
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com