Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Product Specification
16 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
3-6. Color input data reference
The brightness of each primary color (red,green and blue) is based on the 8bit gray scale data
input for the color ; the higher the binary input, the brighter the color. The table below
provides a reference for color versus data input.
Table 8. Color data reference
Color
Basic
Color
Red
Green
Blue
Black
Red (255)
Green (255)
Blue (255)
Cyan
Magenta
Yellow
White
Input Color Data
Red
MSB
LSB
Green
MSB
LSB
Blue
MSB
LSB
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
0
0
0
1
1
1
0
1
R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0
Red(000)
Dark
Red(001)
Red(002)
- - - -- - ---
- - - -- - ---
Red(253)
Red(254)
Red(255) Bright
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
1
-
-
0
1
1
0
1
0
-
-
1
0
1
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
1
-
-
0
1
1
0
1
0
-
-
1
0
1
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
Green(000) Dark
Green(001)
Green(002)
- - - -- - ---
- - - -- - ---
Green(253)
Green(254)
Green(255)Bright
Blue(000) Dark
Blue(001)
Blue(002)
- - - -- - ---
- - - -- - ---
Blue(253)
Blue(254)
Blue(255) Bright
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
0
0
0
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
0
-
-
1
1
1
0
0
1
-
-
0
1
1
0
1
0
-
-
1
0
1
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com