Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Product Specification
19 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
4. Optical specification
Optical characteristics are determined after the unit has been ‘ON’ for 30 minutes in a dark
environment at 25°C.
Table 10. Optical characteristics
Ta= 25°C, VLCD=5.0V, fV=60Hz fCLK= 77.0MHz
6
(PR880)
1.73
-
-
LR
Luminance uniformity -
Angular dependence (TCO 5.0)
(PR880)
%
1.5
Crosstalk
85
70
θd
y axis, down (
φ=270°)
y axis, down (
φ=270°)
y axis, up (
φ=90°)
x axis, left (
φ=180°)
x axis, right(
φ=0°)
Viewing Angle (CR>5)
5
(PR-880)
Degree
88
75
θr
88
75
θl
85
70
θu
85
70
θd
9P
y axis, up (
φ=90°)
x axis, left (
φ=180°)
x axis, right(
φ=0°)
8
(PR-650)
0.018
Δ
u’v’
75
60
θu
85
70
θl
Degree
85
70
θr
Color grayscale linearity
Viewing Angle (CR>10)
WHITE
BLUE
GREEN
RED
0.623
Gy
0.341
Gx
0.046
By
0.156
Bx
0.329
Wy
0.313
Wx
Decay Time
Rise Time
ms
7.4
3.9
-
TrD
0.345
Ry
(PR-650)
Typ
+0.03
0.629
Typ
-0.03
Rx
Color Coordinates
[CIE1931]
4
(PR-880)
ms
2.6
1.1
-
TrR
Response Time
3
(PR-880)
%
75
δ WHITE
Luminance Variation
2
(PR-880)
cd/m2
-
250
200
LWH
Surface Luminance, white
1
(PR-880)
Notes
Units
-
1000
600
CR
Contrast Ratio
Max
Typ
Min
Values
Symbol
Parameter
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com