Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 3 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 3 Page - LG Semicon Co.,Ltd.

  LM185WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Product Specification
3 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
Revision No
Description
Date
Page
Ver 0.0
Ver 0.1
Ver 0.2
Ver 0.3
Ver 0.4
Ver 1.0
Preliminary Specifications
- Changed Power Consumption
Before : Total 13.29W(Typ.), 9.79W@IBL=60mA
After : Total 12.72(Typ.), 9.22W@IBL=60mA
- Changed LED Bar Electrical Characteristics
- Add Notes 2
2. Storage condition is guaranteed under packing
condition.
- Changed Electrical Characteristics
- Delete LED Junction Temperature
- Changed Maximum Permissive Power Input Ripple
0.2V → 0.35V
- Add Notes 9
9. TCO Display 5.0 Compliance
Final Specifications
OCT.,22,2009
JAN.,26,2010
MAR.,31,2010
APR.,28,2010
JUN.,19,2010
JUN.,21,2010
4
7
5
4
6
7
6
23
Record of revisions
9.79
54.4
Typ.
Before
After
9.22
51.2
Typ.
Power Consumption
LED String Voltage
Parameter
1170
900
1015
880
I
LCD-BLACK
3.50
700
Typ.
Before
4.05
810
Max.
3.60
720
Typ.
After
4.70
940
Max..
P
LCD
I
LCD-MOSAIC
Symbol
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com