Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Product Specification
20 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
Notes :
FIG. 8 Luminance measuring point
<Measuring point for luminance variation> <Measuring point for surface luminance>
H
H/2
V/2
V
H : 409.800 mm
V : 230.400 mm
@ H,V : Active Area
Active Area
1
4
2
7
H
V
3
5
6
8
9
V/10
V/2
H/2
H/10
The values specified are at an approximate distance 50cm from the LCD surface at a viewing
angle of
Φ and θ equal to 0 °.
FIG. 7 presents additional information concerning the measurement equipment and method.
FIG. 7 Optical characteristic measurement equipment and method
50cm
Optical
Stage(x,y)
LCD Module
Pritchard 880
or equivalent
1. Contrast ratio(CR) is defined mathematically as :It is measured at center point(1)
Surface luminance with all white pixels
Contrast ratio =
---------------------------------------------------------
Surface luminance with all black pixels
2. Surface luminance is the luminance value at center 1 point(1) across
the LCD surface 50cm from the surface with all pixels displaying white.
For more information see FIG 8.
3. The variation in surface luminance ,
δ WHITE is defined as
Minimum (P1,P2 …..P9)
δ WHITE = --------------------------------------------- *100
Maximum (P1,P2 …..P9)
For more information see Figure 8.
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com