Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LM185WH2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Product Specification
5 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
90%
10
20
30
40
50
60
70
80
0
-20
0
10
20
30
40
50
Dry Bulb Temperature [℃]
Wet Bulb
Temperature [℃]
Storage
Operation
10%
40%
60%
60
2. Absolute maximum ratings
The following are maximum values which, if exceeded,
may cause faulty operation or damage to the unit.
Notes : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max, and no condensation of water.
2. Storage condition is guaranteed under packing condition.
Table 1. Absolute maximum ratings
Units
%RH
90
10
H
OP
Operating Ambient Humidity
1, 2
%RH
90
10
H
ST
Storage Humidity
°
C
60
-20
T
ST
Storage Temperature
°
C
50
0
T
OP
Operating Temperature
At 25℃
Vdc
+6.0
-0.3
V
LCD
Power Supply Input Voltage
Max
Min
Parameter
Notes
Values
Symbol
FIG. 2 Temperature and relative humidity
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com