Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Product Specification
6 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
3. Electrical specifications
3-1. Electrical characteristics
It requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second input power for the CCFL/Backlight, is typically
generated by an inverter. The inverter is an external unit to the LCDs.
Table 2. Electrical characteristics
Notes :
1. The specified current and power consumption are
under the VLCD=5.0V, 25
± 2°C,fV=60Hz condition
whereas mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. Permissive power ripple should be measured under VCC=5.0V, 25°C, f
V (frame frequency)=75Hz
condition and At that time, we recommend the bandwidth configuration of oscilloscope
is to be under 20MHz.
4. The duration of rush current is about 5ms and rising time of power Input is 500us
± 20%.
I
LCD-BLACK
Vdc
5.5
5.0
4.5
V
LCD
Power Supply Input Voltage
2
mA
1170
900
-
1
Watt
4.70
3.60
-
P
LCD
Power Consumption
4
A
3.0
-
-
I
RUSH
Inrush current
3
V
0.35
-
-
V
LCD
Permissive Power Input Ripple
1
mA
940
720
-
I
LCD-MOSAIC
Power Supply Input Current
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values
Mosaic Pattern(8 x 6)
White : 255Gray
Black : 0Gray
power consumption measurement
Full Black Pattern
power input ripple
FIG.3 pattern for Electrical characteristics
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com