Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Product Specification
22 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
6. Luminance Uniformity - angular – dependence (LR& TB)
H
C
L
R
V/2
V/2
H/10
H/10
T
B
V/10
V/10
V
D
< Luminance uniformity - angular dependence measuring point >
Notes :
FIG. 11 Luminance Uniformity angular dependence
Table 11. Gray scale
7. Gray scale specification
74.15
L223
100
L255
11.06
L95
21.13
L127
38.44
L159
52.50
L191
4.43
L63
0.97
L31
0.10
L0
Luminance [%] (Typ)
Gray level
TCO 5.0 Luminance uniformity – angular dependence, is the capacity of the FPD to
maintain a certain luminance level independently of the viewing direction, The
angular-dependent luminance uniformity is defined as the ratio of maximum
luminance to minimum luminance in the specified measurement areas.
- Test pattern
: Full white 4˚× 4˚square size, back ground shall be set to 80%
image loading, RGB 204, 204, 204
- Test luminance : ≥150cd/㎡
- Test point
: 5-point
- Test distance : D * 1.5 = 87.63㎝
- Test method
: L
R = ((Lmax.+30deg. / Lmin. +30deg.) + (Lmax. -30deg. / Lmin. -30deg.)) / 2
T
B = ((Lmax.+15deg. / Lmin. +15deg.)
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com