Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185WH2 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LM185WH2
Description  18.5inch HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH2 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LM185WH2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM185WH2 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Product Specification
13 / 31
LM185WH2
Liquid Crystal Display
Ver. 1.0
JUN., 21, 2010
Table 6. Required signal assignment for Flat Link(NS:DS90CF383) transmitter
Notes : Refer to LVDS Transmitter Data Sheet for detail descriptions.
Pin #
Require Signal
Pin Name
Pin #
Require Signal
Pin Name
1
Power Supply for TTL Input
VCC
29
Ground pin for TTL
GND
2
TTL Input (R7)
D5
30
TTL Input (DE)
D26
3
TTL Input (R5)
D6
31
TTL Level clock Input
TX CLKIN
4
TTL Input (G0)
D7
32
Power Down Input
PWR DWN
5
Ground pin for TTL
GND
33
Ground pin for PLL
PLL GND
6
TTL Input (G1)
D8
34
Power Supply for PLL
PLL VCC
7
TTL Input (G2)
D9
35
Ground pin for PLL
PLL GND
8
TTL Input (G6)
D10
36
Ground pin for LVDS
LVDS GND
9
Power Supply for TTL Input
VCC
37
Positive LVDS differential data output 3
TxOUT3+
10
TTL Input (G7)
D11
38
Negative LVDS differential data output 3
TxOUT3-
11
TTL Input (G3)
D12
39
Positive LVDS differential clock output
TX CLKOUT+
12
TTL Input (G4)
D13
40
Negative LVDS differential clock output
TX CLKOUT-
13
Ground pin for TTL
GND
41
Positive LVDS differential data output 2
TX OUT2+
14
TTL Input (G5)
D14
42
Negative LVDS differential data output 2
TX OUT2-
15
TTL Input (B0)
D15
43
Ground pin for LVDS
LVDS GND
16
TTL Input (B6)
D16
44
Power Supply for LVDS
LVDS VCC
17
Power Supply for TTL Input
VCC
45
Positive LVDS differential data output 1
TX OUT1+
46
Negative LVDS differential data output 1
TX OUT1-
18
TTL Input (B7)
D17
47
Positive LVDS differential data output 0
TX OUT0+
48
Negative LVDS differential data output 0
TX OUT0-
19
TTL Input (B1)
D18
20
TTL Input (B2)
D19
49
Ground pin for LVDS
LVDS GND
21
Ground pin for TTL Input
GND
22
TTL Input (B3)
D20
23
TTL Input (B4)
D21
50
TTL Input (R6)
D27
51
TTL Input (R0)
D0
24
TTL Input (B5)
D22
25
TTL Input (RSVD)
D23
52
TTL Input (R1)
D1
53
Ground pin for TTL
GND
26
Power Supply for TTL Input
VCC
54
TTL Input (R2)
D2
55
TTL Input (R3)
D3
27
TTL Input (HSYNC)
D24
56
TTL Input (R4)
D4
28
TTL Input (VSYNC)
D25
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com