Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 7 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 7 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 7
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
1. Specification
If not stated otherwise,
 All values are valid over the full voltage range
 All minimum/maximum values are given for the full accuracy temperature range
 Minimum/maximum values of drifts, offsets and temperature coefficients are ±3 values
over lifetime
 Typical values of currents and state machine timings are determined at 25 °C
 Minimum/maximum values of currents are determined using corner lots over complete
temperature range
 Minimum/maximum values of state machine timings are determined using corner lots over
0…+65 °C temperature range
The specification tables are split into pressure and temperature part of BMP280
Table 2: Parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating temperature
range
TA
operational
-40
25
+85
°C
full accuracy
0
+65
Operating pressure
range
P
full accuracy
300
1100
hPa
Sensor supply voltage
VDD
ripple max. 50mVpp
1.71
1.8
3.6
V
Interface supply voltage
VDDIO
1.2
1.8
3.6
V
Supply current
IDD,LP
1 Hz forced mode,
pressure and
temperature, lowest
power
2.8
4.2
µA
Peak current
Ipeak
during pressure
measurement
720
1120
µA
Current at temperature
measurement
IDDT
325
µA
Sleep current1
IDDSL
25 °C
0.1
0.3
µA
Standby current
(inactive period of
normal mode) 2
IDDSB
25 °C
0.2
0.5
µA
Relative accuracy
pressure
VDD = 3.3V
Arel
700 … 900hPa
25 . . . 40 °C
±0.12
hPa
±1.0
m
1 Typical value at VDD = VDDIO = 1.8 V, maximal value at VDD = VDDIO = 3.6 V.
2 Typical value at VDD = VDDIO = 1.8 V, maximal value at VDD = VDDIO = 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com