Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 32
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Start RW
Stop
1
1
1
1
0
1
1
0
bit15
bit14
bit13
bit12 bit11 bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CSB
=
1
Data byte
Data register - address F7h
Register address (F6h)
CSB
=
0
Control byte
Data byte
Data register - address F6h
Figure 11: SPI multiple byte read
5.4 Interface parameter specification
5.4.1 General interface parameters
The general interface parameters are given in Table 26 below.
Table 26: interface parameters
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input – low level
Vil_si
VDDIO=1.2V to 3.6V
0.2 *
VDDIO
V
Input – high level
Vih_si
VDDIO=1.2V to 3.6V
0.8 *
VDDIO
V
Output – low level for I2C
Vol_SDI
VDDIO=1.62V, iol=3 mA
0.2 *
VDDIO
V
Output – low level for I2C
Vol_SDI
_1.2
VDDIO=1.20V, iol=3 mA
0.23 *
VDDIO
V
Output – low level
Vol_SD
O
VDDIO=1.62V, iol=1 mA
0.2 *
VDDIO
V
Output – low level
Vol_SD
O_1.2
VDDIO=1.20V, iol=1 mA
0.23 *
VDDIO
V
Output – high level
Voh
VDDIO=1.62V, ioh=1 mA
(SDO, SDI)
0.8 *
VDDIO
V
Output – high level
Voh_1.2
VDDIO=1.2V, ioh=1 mA
(SDO, SDI)
0.6 *
VDDIO
V
Pull-up resistor
Rpull
Internal
pull-up
resistance to VDDIO
70
120
190
kΩ
I2C bus load capacitor
Cb
On SDI and SCK
400
pF
5.4.2 I²C timings
For I²C timings, the following abbreviations are used:
 “S&F mode” = standard and fast mode
 “HS mode” = high speed mode
 Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is shown in
Figure 12. The corresponding values are given in Table 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com