Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 34
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
CSB
SCK
T_setup_csb
T_low_sck
T_high_sck
T_hold_csb
SDI
T_setup_sdi
T_hold_sdi
SDO
T_delay_sdo
Figure 13: SPI timing diagram
Table 28: SPI timings
Parameter
Symbol
Condition
Min
Typ
Max
Units
SPI clock input frequency
F_spi
0
10
MHz
SCK low pulse
T_low_sck
20
ns
SCK high pulse
T_high_sck
20
ns
SDI setup time
T_setup_sdi
20
ns
SDI hold time
T_hold_sdi
20
ns
SDO output delay
T_delay_sdo 25pF load, VDDIO=1.6V min
30
ns
SDO output delay
T_delay_sdo 25pF load, VDDIO=1.2V min
40
ns
CSB setup time
T_setup_csb
20
ns
CSB hold time
T_hold_csb
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com