Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 21
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Compensation of
Number of clock cycles (ARM Cortex-M3)
32 bit integer
64 bit integer
Double precision
Temperature
~46
~2400 7
Pressure
~112 8
~1400
~5400
7
3.11.2 Trimming parameter readout
The trimming parameters are programmed into the devices’ non-volatile memory (NVM) during
production and cannot be altered by the customer. Each compensation word is a 16-bit signed or
unsigned integer value stored in two’s complement. As the memory is organized into 8-bit words,
two words must always be combined in order to represent the compensation word. The 8-bit
registers are named calib00…calib25 and are stored at memory addresses 0x88…0xA1. The
corresponding compensation words are named dig_T# for temperature compensation related
values and dig_P# for pressure compensation related values. The mapping is shown in Table 17.
Table 17: Compensation parameter storage, naming and data type
Register
Address
LSB / MSB
Register
content
Data type
0x88 / 0x89
dig_T1
unsigned short
0x8A / 0x8B
dig_T2
signed short
0x8C / 0x8D
dig_T3
signed short
0x8E / 0x8F
dig_P1
unsigned short
0x90 / 0x91
dig_P2
signed short
0x92 / 0x93
dig_P3
signed short
0x94 / 0x95
dig_P4
signed short
0x96 / 0x97
dig_P5
signed short
0x98 / 0x99
dig_P6
signed short
0x9A / 0x9B
dig_P7
signed short
0x9C / 0x9D
dig_P8
signed short
0x9E / 0x9F
dig_P9
signed short
0xA0 / 0xA1
reserved
reserved
3.11.3 Compensation formula
Please note that it is strongly advised to use the API available from Bosch Sensortec to perform
readout and compensation. If this is not wanted, the code below can be applied at the user’s risk.
Both pressure and temperature values are expected to be received in 20 bit format, positive,
stored in a 32 bit signed integer.
7 Use only recommended for high-level programming languages like Matlab™ or LabVIEW™
8 Use only recommended for 8-bit micro controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com