Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 48 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 48 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 49Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 48
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
10. Document history and modification
Rev. No
Chapter
Description of modification/changes
Date
0.1
Document creation
2012-08-06
1.0
9.2
Change of product use
2013-11-26
Table 2
Update of min/max data (only for restricted version)
Added comment on the sampling rate
1.1
1, 3.3.1
Changed value for resolution, values for osrs_p
settings changed
2014-02-10
5.2
Changed sentence and added drawing
2014-02-18
3.7
Added max values for current consumption
2014-05-08
1.11
4.5.3
Modified write in normal mode
2014-06-25
5.2
Modified SDI/SCK ESD drawing
1.12
1
Changed min/max values for standby current, only
valid for 25 °C
2014-07-12
Table 1
Pressure resolution 0.16Pa
2014-07-12
1.13
Page 2
New technical reference codes added
2014-11-12
7.3
New details about laser marking added
1.14
Table 6
Changed contents of table
2015-05-04
Page 1
Removed TRC 0 273 300 354 & 0273 300 391
Page 44
Updated RoHS directive to 2011/65/EU effective 8
June 2011
2015-05-07
1.15
Page 2, 3
Modified target devices, applications
2015-10-15
1.16
Special customer-only
2016-01-28
1.17
7.3
Added all available TRC
2016-06-07
1.18
7.3
New marking
2016-11-02
1.19
Page 1
Update of technical reference code
2018-01-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com