Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 17 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 17 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 17
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The standby time is determined by the contents of the t_sb[2:0] bits in control register 0xF5
according to the table below:
Table 11: t_sb settings
t_sb[1:0]
tstandby [ms]
000
0.5
001
62.5
010
125
011
250
100
500
101
1000
110
2000
111
4000
3.6.4 Mode transition diagram
The supported mode transitions are displayed below. If the device is currently performing a
measurement, execution of mode switching commands is delayed until the end of the currently
running measurement period. Further mode change commands are ignored until the last mode
change command is executed. Mode transitions other than the ones shown below are tested for
stability but do not represent recommended use of the device.
Power OFF
(VDD or VDDIO = 0)
VDD and VDDIO
supplied
Mode
[1:0]
= 00
Mode[1:0] = 01
Sleep
Normal
(cyclic standby and
measurement periods)
Mode
[1:0]
= 11
Forced
(one measurement
period)
Mode[1:0] = 01
Figure 5: Mode transition diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com