Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 16 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 16 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 16
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
3.6.1 Sleep mode
Sleep mode is set by default after power on reset. In sleep mode, no measurements are
performed and power consumption (IDDSM) is at a minimum. All registers are accessible; Chip-ID
and compensation coefficients can be read.
3.6.2 Forced mode
In forced mode, a single measurement is performed according to selected measurement and filter
options. When the measurement is finished, the sensor returns to sleep mode and the
measurement results can be obtained from the data registers. For a next measurement, forced
mode needs to be selected again. This is similar to BMP180 operation. Forced mode is
recommended for applications which require low sampling rate or host-based synchronization.
time
IDDSL
IDDSB
IDDP
IDDT
POR
Mode[1:0] = 01
Data readout
osrs_t
osrs_p
Write
settings
Mode[1:0] = 01
Figure 3: Forced mode timing diagram
3.6.3 Normal mode
Normal mode 16ontinuously cycles between an (active) measurement period and an (inactive)
standby period, whose time is defined by tstandby. The current in the standby period (IDDSB) is
slightly higher than in sleep mode. After setting the mode,measurement and filter options, the
last measurement results can be obtained from the data registers without the need of further
write accesses. Normal mode is recommended when using the IIR filter, and useful for
applications in which short-term disturbances (e.g. blowing into the sensor) should be filtered.
time
IDDSL
IDDSB
IDDP
IDDT
POR
Mode[1:0] = 11
Data readout
when needed
osrs_t
osrs_p
Write
settings
tstandby
Figure 4: Normal mode timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com