Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 12
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Measure temperature
(oversampling set by osrs_t;
skip if osrs_t = 0)
Start
measurement cycle
Measure pressure
(oversampling set by osrs_p;
skip if osrs_p = 0)
IIR filter enabled?
End
measurement cycle
IIR filter initialised?
Copy ADC values
to filter memory
(initalises IIR filter)
No
Update filter memory using
filter memory, ADC value
and filter coefficient
No
Yes
Yes
Copy filter memory
to output registers
Figure 2: BMP280 measurement cycle
The individual blocks of the diagram above will be detailed in the following subchapters.
3.3.1 Pressure measurement
Pressure measurement can be enabled or skipped. Skipping the measurement could be useful if
BMP280 is used as temperature sensor. When enabled, several oversampling options exist. Each
oversampling step reduces noise and increases the output resolution by one bit, which is stored
in the XLSB data register 0xF9. Enabling/disabling the measurement and oversampling settings
are selected through the osrs_p[2:0] bits in control register 0xF4.
Table 4: osrs_p settings
Oversampling setting
Pressure
oversampling
Typical pressure
resolution
Recommended
temperature
oversampling
Pressure measurement
skipped
Skipped
(output set to
0x80000)
–
As needed
Ultra low power
×1
16 bit / 2.62 Pa
×1
Low power
×2
17 bit / 1.31 Pa
×1
Standard resolution
×4
18 bit / 0.66 Pa
×1
High resolution
×8
19 bit / 0.33 Pa
×1
Ultra high resolution
×16
20 bit / 0.16 Pa
×2
In order to find a suitable setting for osrs_p, please consult chapter 3.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com