Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 42 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 42 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 46Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 42
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
7.4 Soldering guidelines
The moisture sensitivity level of the BMP280 sensors corresponds to JEDEC Level 1, see also:
 IPC/JEDEC J-STD-020C “Joint Industry Standard: Moisture/Reflow Sensitivity
Classification for non-hermetic Solid State Surface Mount Devices”
 IPC/JEDEC J-STD-033A “Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices”.
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC
standard, i.e. reflow soldering with a peak temperature up to 260°C. The minimum height of the
solder after reflow shall be at least 50µm. This is required for good mechanical decoupling
between the sensor device and the printed circuit board (PCB).
Figure 20: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com