Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP280 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 2
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
BMP280
DIGITAL PRESSURE SENSOR
Key parameters
 Pressure range
300 … 1100 hPa
(equiv. to +9000…-500 m above/below sea level)
 Package
8-pin LGA metal-lid
Footprint : 2.0 × 2.5 mm², height: 0.95 mm
 Relative accuracy
±0.12 hPa, equiv. to ±1 m
(700 … 900hPa @25°C)
 Absolute accuracy
typ. ±1 hPa
(950 ...1050 hPa, 0 ...+40 °C)
 Temperature coefficient offset 1.5 Pa/K, equiv. to 12.6 cm/K
(25 ... 40°C @900hPa)
 Digital interfaces
I²C (up to 3.4 MHz)
SPI (3 and 4 wire, up to 10 MHz)
 Current consumption
2.7µA @ 1 Hz sampling rate
 Temperature range
-40 … +85 °C
 RoHS compliant, halogen-free
 MSL 1
Typical applications
 Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
 Indoor navigation (floor detection, elevator detection)
 Outdoor navigation, leisure and sports applications
 Weather forecast
 Vertical velocity indication (e.g. rise/sink speed)
Target devices
 Handsets such as mobile phones, tablet PCs, GPS devices
 Navigation systems
 Home weather stations
 Flying toys
 Watches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com