Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 19
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
3.8.2 Measurement rate in normal mode
The following table explains which measurement rates can be expected in normal mode based
on oversampling setting and tstandby.
Table 14: typical output data Rate (ODR) in normal mode [Hz]
Oversampling
setting
tstandby [ms]
0.5
62.5
125
250
500
1000
2000
4000
Ultra low power
166.67
14.71
7.66
3.91
1.98
0.99
0.50
0.25
Low power
125.00
14.29
7.55
3.88
1.97
0.99
0.50
0.25
Standard
resolution
83.33
13.51
7.33
3.82
1.96
0.99
0.50
0.25
High resolution
50.00
12.20
6.92
3.71
1.92
0.98
0.50
0.25
Ultra high
resolution
26.32
10.00
6.15
3.48
1.86
0.96
0.49
0.25
Table 15: Sensor timing according to recommended settings (based on use cases)
Use case
Mode
Over-
sampling
setting
osrs_p
osrs_t
IIR
filter
coeff.
(see
3.3.3)
Timing
ODR
[Hz]
(see
3.8.2)
BW
[Hz]
(see
3.3.3)
handheld device
low-power (e.g.
Android)
Normal
Ultra high
resolution
×16
×2
4
tstandby =
62.5 ms
10.0
0.92
handheld device
dynamic (e.g.
Android)
Normal
Standard
resolution
×4
×1
16
tstandby =
0.5 ms
83.3
1.75
Weather
monitoring
(lowest power)
Forced
Ultra low
power
×1
×1
Off
1/min
1/60
full
Elevator / floor
change
detection
Normal
Standard
resolution
×4
×1
4
tstandby =
125 ms
7.3
0.67
Drop detection
Normal
Low
power
×2
×1
Off
tstandby =
0.5 ms
125
full
Indoor
navigation
Normal
Ultra high
resolution
×16
×2
16
tstandby =
0.5 ms
26.3
0.55
3.9 Data readout
To read out data after a conversion, it is strongly recommended to use a burst read and not
address every register individually. This will prevent a possible mix-up of bytes belonging to
different measurements and reduce interface traffic. Data readout is done by starting a burst read
from 0xF7 to 0xFC. The data are read out in an unsigned 20-bit format both for pressure and for
temperature. It is strongly recommended to use the BMP280 API, available from Bosch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com