Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 27
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.3.7 Register 0xFA…0xFC “temp” (_msb, _lsb, _xlsb)
The “temp” register contains the raw temperature measurement output data ut[19:0]. For details
on how to read out the pressure and temperature information from the device, please consult
chapter 3.9.
Table 25: Register 0xFA … 0xFC “temp”
Register 0xF7-0xF9
“press”
Name
Description
0xFA
temp_msb[7:0]
Contains the MSB part ut[19:12] of the raw temperature
measurement output data.
0xFB
temp_lsb[7:0]
Contains the LSB part ut[11:4] of the raw temperature
measurement output data.
0xFC (bit 7, 6, 5, 4)
temp_xlsb[3:0]
Contains the XLSB part ut[3:0] of the raw temperature
measurement output data. Contents depend on
pressure resolution, see Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com