Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 18
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
3.7 Current consumption
The current consumption depends on ODR and oversampling setting. The values given below
are normalized to an ODR of 1 Hz. The actual consumption at a given ODR can be calculated by
multiplying the consumption in Table 12 with the ODR used. The actual ODR is defined either by
the frequency at which the user sets forced measurements or by oversampling and tstandby settings
in normal mode in Table 14.
Table 12: Current consumption
Oversampling setting
Pressure
oversampling
Temperature
oversampling
IDD [µA] @ 1 Hz forced mode
Typ
Max
Ultra low power
×1
×1
2.74
4.16
Low power
×2
×1
4.17
6.27
Standard resolution
×4
×1
7.02
10.50
High resolution
×8
×1
12.7
18.95
Ultra high resolution
×16
×2
24.8
36.85
3.8 Measurement timings
The rate at which measurements can be performed in forced mode depends on the oversampling
settings osrs_t and osrs_p. The rate at which they are performed in normal mode depends on the
oversampling setting settings osrs_t and osrs_p and the standby time tstandby. In the following table
the resulting ODRs are given only for the suggested osrs combinations.
3.8.1 Measurement time
The following table explains the typical and maximum measurement time based on selected
oversampling setting. The minimum achievable frequency is determined by the maximum
measurement time.
Table 13: measurement time
Oversampling
setting
Pressure
oversampling
Temperature
oversampling
Measurement
time [ms]
Measurement
rate [Hz]
Typ
Max
Typ
Min
Ultra low power
×1
×1
5.5
6.4
181.8
155.6
Low power
×2
×1
7.5
8.7
133.3
114.6
Standard resolution
×4
×1
11.5
13.3
87.0
75.0
High resolution
×8
×1
19.5
22.5
51.3
44.4
Ultra high
resolution
×16
×2
37.5
43.2
26.7
23.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com