Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 31
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The SPI interface uses the following pins:
 CSB: chip select, active low
 SCK: serial clock
 SDI:
serial data input; data input/output in 3-wire mode
 SDO: serial data output; hi-Z in 3-wire mode
Refer to chapter 6 for connection instructions.
CSB is active low and has an integrated pull-up resistor. Data on SDI is latched by the device at
SCK rising edge and SDO is changed at SCK falling edge. Communication starts when CSB goes
to low and stops when CSB goes to high; during these transitions on CSB, SCK must be stable.
The SPI protocol is shown in Figure 9. For timing details, please review Table 28.
CSB
SCK
SDI
RW
AD6
AD5
AD4
AD3
AD2
AD1
AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
SDO
DO5
DO4
DO3
DO2
DO1
DO0
DO7
DO6
tri-state
Figure 9: SPI protocol (shown for mode ‘11’ in 4-wire configuration)
In SPI mode, only 7 bits of the register addresses are used; the MSB of register address is not
used and replaced by a read/write bit (RW = ‘0’ for write and RW = ‘1’ for read).
Example: address 0xF7 is accessed by using SPI register address 0x77. For write access, the
byte 0x77 is transferred, for read access, the byte 0xF7 is transferred.
5.3.1 SPI write
Writing is done by lowering CSB and sending pairs control bytes and register data. The control
bytes consist of the SPI register address (= full register address without bit 7) and the write
command (bit7 = RW = ‘0’). Several pairs can be written without raising CSB. The transaction is
ended by a raising CSB. The SPI write protocol is depicted in Figure 10.
Start
RW
RW
Stop
0
1
1
1
0
1
0
0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
1
1
1
0
1
0
1
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Control byte
CSB
=
1
Data byte
Register address (F5h)
Data register - adress F5h
Register address (F4h)
CSB
=
0
Control byte
Data byte
Data register - address F4h
Figure 10: SPI multiple byte write (not auto-incremented)
5.3.2 SPI read
Reading is done by lowering CSB and first sending one control byte. The control bytes consist of
the SPI register address (= full register address without bit 7) and the read command (bit 7 = RW
= ‘1’). After writing the control byte, data is sent out of the SDO pin (SDI in 3-wire mode); the
register address is automatically incremented. The SPI read protocol is shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com