Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMP280 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 3
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
General Description
Robert Bosch is the world market leader for pressure sensors in automotive and consumer
applications. Bosch’s proprietary APSM (Advanced Porous Silicon Membrane) MEMS
manufacturing process is fully CMOS compatible and allows a hermetic sealing of the cavity in
an all silicon process. The BMP280 is based on Bosch’s proven Piezo-resistive pressure sensor
technology featuring high EMC robustness, high accuracy and linearity and long term stability.
The BMP280 is an absolute barometric pressure sensor especially designed for mobile
applications. The sensor module is housed in an extremely compact 8-pin metal-lid LGA package
with a footprint of only 2.0 × 2.5 mm2 and 0.95 mm package height. Its small dimensions and its
low power consumption of 2.7 µA @1Hz allow the implementation in battery driven devices such
as mobile phones, GPS modules or watches.
As the successor to the widely adopted BMP180, the BMP280 delivers high performance in all
applications that require precise pressure measurement. The BMP280 operates at lower noise,
supports new filter modes and an SPI interface within a footprint 63% smaller than the BMP180.
The emerging applications of indoor navigation, fitness as well as GPS refinement require a high
relative accuracy and a low TCO at the same time. BMP180 and BMP280 are perfectly suitable
for applications like floor detection since both sensors feature excellent relative accuracy is
±0.12 hPa, which is equivalent to ±1 m difference in altitude. The very low offset temperature
coefficient (TCO) of 1.5 Pa/K translates to a temperature drift of only 12.6 cm/K.
Please contact your regional Bosch Sensortec partner for more information about software
packages enhancing the calculation of the altitude given by the BMP280 pressure reading.
Table 1: Comparison between BMP180 and BMP280
Parameter
BMP180
BMP280
Footprint
3.6 × 3.8 mm
2.0 × 2.5 mm
Minimum VDD
1.80 V
1.71 V
Minimum VDDIO
1.62 V
1.20 V
Current consumption @3 Pa RMS noise
12 µA
2.7 µA
RMS Noise
3 Pa
1.3 Pa
Pressure resolution
1 Pa
0.16 Pa
Temperature resolution
0.1°C
0.01°C
Interfaces
I²C
I²C & SPI (3 and 4 wire,
mode ‘00’ and ‘11’)
Measurement modes
Only P or T, forced
P&T, forced or periodic
Measurement rate
up to 120 Hz
up to 157 Hz
Filter options
None
Five bandwidths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com