Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 11
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
3.1 Block diagram
Figure 1 shows a simplified block diagram of the BMP280:
Figure 1: Block diagram of BMP280
3.2 Power management
The BMP280 has two separate power supply pins
 VDD is the main power supply for all internal analog and digital functional blocks
 VDDIO is a separate power supply pin, used for the supply of the digital interface
A power-on reset generator is built in which resets the logic circuitry and the register values after
the power-on sequence. There are no limitations on slope and sequence of raising the VDD and
VDDIO levels. After powering up, the sensor settles in sleep mode (see 3.6.1).
Warning. Holding any interface pin (SDI, SDO, SCK or CSB) at a logical high level when VDDIO is
switched off can permanently damage the device due caused by excessive current flow through
the ESD protection diodes.
If VDDIO is supplied, but VDD is not, the interface pins are kept at a high-Z level. The bus can
therefore already be used freely before the BMP280 VDD supply is established.
3.3 Measurement flow
The BMP280 measurement period consists of a temperature and pressure measurement with
selectable oversampling. After the measurement period, the data are passed through an optional
IIR filter, which removes short-term fluctuations in pressure (e.g. caused by slamming a door).
The flow is depicted in the diagram below.
Logic
OSC
NVM
ADC
Pressure/
temperature
sensing
element
Voltage
reference
Voltage
regulator
(analog &
digital)
VDDIO
GND
I
n
t
e
r
f
a
c
e
SDI
SDO
SCK
CSB
VDD
POR
Analog
front-end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com