Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 38 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 38 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 42Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 38
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.4 Connection diagram I2C
Figure 17: I²C connection diagram (Pin1 marking indicated)
Notes:
 The recommended value for C1, C2 is 100 nF.
 A direct connection between CSB and VDDIO is recommended. If CSB is detected as low
during startup, the interface will be locked into SPI mode. See chapter 5.1.
TOP VIEW
(pads not visible)
8
VDD
7
GND
6
VDDIO
5
SDO
1
GND
2
CSB
3
SDI
4
SCK
SDA
C1
SCL
VDDIO
VDD
C2
I2C address bit 0
GND: '0'; VDDIO: '1'
Vent hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com