Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP280 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Datasheet
BMP280 Digital Pressure Sensor
Page 35
BST-BMP280-DS001-19 | Revision 1.19 | January 2018
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6. Pin-out and connection diagram
6.1 Pin-out
TOP VIEW
(pads not visible)
8
VDD
7
GND
6
VDDIO
5
SDO
1
GND
2
CSB
3
SDI
4
SCK
BOTTOM VIEW
(pads visible)
8
VDD
7
GND
6
VDDIO
5
SDO
1
GND
2
CSB
3
SDI
4
SCK
Vent hole
Pin 1
marker
Figure 14: Pin-out top and bottom view
Table 29: Pin description
Pin
Name
I/O Type
Description
Connect to
SPI 4W
SPI 3W
I²C
1
GND
Supply
Ground
GND
2
CSB
In
Chip select
CSB
CSB
VDDIO
3
SDI
In/Out
Serial data input
SDI
SDI/SDO
SDA
4
SCK
In
Serial clock input
SCK
SCK
SCL
5
SDO
In/Out
Serial data output
SDO
DNC
GND for
default
address
6
VDDIO
Supply
Digital interface
supply
VDDIO
7
GND
Supply
Ground
GND
8
VDD
Supply
Analog supply
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com