Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
25
Electrical and Thermal Characteristics
Figure 9 shows the typical connection diagram for the MPC7455 interfaced to MSUG2 SRAMs such as the
Freescale MCM64E836.
Figure 9. Typical Source Synchronous 2-Mbyte L3 Cache DDR Interface
Denotes
Receive (SRAM
to MPC7455)
Aligned Signals
{L3DATA[0:15],
{L3DATA[16:31],
{L3_DATA[32:47],
L3ADDR[17:0]
L3_CNTL[0]
L3_CLK[0]
L3_CLK[1]
L3_ECHO_CLK[0]
L3_ECHO_CLK[1]
L3ECHO_CLK[2]
L3_ECHO_CLK[3]
{L3DATA[48:63],
L3DP[0:1]}
L3DP[2:3]}
L3DP[4:5]}
L3DP[6:7]}
CQ
SA[17:0]
CK
B1
B2
SRAM 0
SRAM 1
CQ
D[0:17]
D[18:35]
CQ
SA[17:0]
CK
B1
B2
CQ
D[0:17]
D[18:35]
L3_CNTL[1]
NC
NC
GND
GND
GND
NC
NC
GND
GND
GND
MPC7455
Denotes
Receive (SRAM
to MPC7455)
Aligned Signals
Denotes
Transmit
(MPC7455 to
SRAM)
Aligned Signals
GVDD/2
1
GVDD/2
1
CQ
CK
B3
G
CQ
LBO
CQ
CK
B3
G
CQ
LBO
Note:
1. Or as recommended by SRAM manufacturer for single-ended clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com