Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
45
System Design Information
8.6 Substrate Capacitors for the MPC7455, 483 CBGA
Figure 23 shows the connectivity of the substrate capacitor pads for the MPC7455, 483 CBGA. All capacitors are
100 nF.
Figure 23. Substrate Bypass Capacitors for the MPC7455, 483 CBGA
9
System Design Information
This section provides system and thermal design recommendations for successful application of the MPC7455.
9.1 PLL Configuration
The MPC7455 PLL is configured by the PLL_CFG[0:4] signals. For a given SYSCLK (bus) frequency, the PLL
configuration signals set the internal CPU and VCO frequency of operation. The PLL configuration for the
MPC7455 is shown in Table 17 for a set of example frequencies. In this example, shaded cells represent settings
that, for a given SYSCLK frequency, result in core and/or VCO frequencies that do not comply with the 1-GHz
column in Table 8. Note that these configurations were different in devices prior to Rev F; see Section 11.2, “Part
Numbers Not Fully Addressed by This Document,” for more information regarding documentation of prior
revisions.
Capacitor
Pad Number
-1
-2
C1
OVDD
GND
C2
VDD
GND
C3
OVDD
GND
C4
OVDD
GND
C5
VDD
GND
C6
OVDD
GND
C7
AVDD
GND
C8
OVDD
GND
C9
GVDD
GND
C10
GVDD
GND
C11
VDD
GND
C12
GVDD
GND
C3-1
C3-2
C2-2
C1-2
C1-1
C2-1
A1 Corner
C7-2
C7-1
C8-1
C9-1
C9-2
C8-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com