Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
17
Electrical and Thermal Characteristics
5.2.2
Processor Bus AC Specifications
Table 9 provides the processor bus AC timing specifications for the MPC7455 as defined in Figure 4 and Figure 5.
Timing specifications for the L3 bus are provided in Section 5.2.3, “L3 Clock AC Specifications.”
Table 9. Processor Bus AC Timing Specifications 1
At recommended operating conditions. See Table 4.
Parameter
Symbol 2
All Speed Grades
Unit
Notes
Min
Max
Input setup times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], TT[0:3], D[0:63],
DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], QACK, TA,
TBEN, TEA, TS, EXT_QUAL, PMON_IN, SHD[0:1]
BMODE[0:1], BVSEL, L3VSEL
tAVKH
tIVKH
tMVKH
2.0
2.0
2.0
—
—
—
ns
8
Input hold times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], TT[0:3], D[0:63],
DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], QACK, TA,
TBEN, TEA, TS,EXT_QUAL, PMON_IN, SHD[0:1]
BMODE[0:1], BVSEL, L3VSEL
tAXKH
tIXKH
tMXKH
0
0
0
—
—
—
ns
8
Output valid times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], TT[0:3], WT, CI
TS
D[0:63], DP[0:7]
ARTRY/SHD0/SHD1
BR, CKSTP_OUT, DRDY, HIT, PMON_OUT, QREQ]
tKHAV
tKHTSV
tKHDV
tKHARV
tKHOV
—
—
—
—
—
2.5
2.5
2.5
2.5
2.5
ns
Output hold times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], TT[0:3], WT, CI
TS
D[0:63], DP[0:7]
ARTRY/SHD0/SHD1
BR, CKSTP_OUT, DRDY, HIT, PMON_OUT, QREQ
tKHAX
tKHTSX
tKHDX
tKHARX
tKHOX
0.5
0.5
0.5
0.5
0.5
—
—
—
—
—
ns
SYSCLK to output enable
tKHOE
0.5
—
ns
SYSCLK to output high impedance (all except TS, ARTRY,
SHD0, SHD1)
tKHOZ
—3.5
ns
SYSCLK to TS high impedance after precharge
tKHTSPZ
—1
t
SYSCLK
3, 4, 5
Maximum delay to ARTRY/SHD0/SHD1 precharge
tKHARP
—1
t
SYSCLK
3, 5,
6, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com