Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
10
Freescale Semiconductor
Electrical and Thermal Characteristics
5
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC7455.
5.1 DC Electrical Characteristics
The tables in this section describe the MPC7455 DC electrical characteristics. Table 2 provides the absolute
maximum ratings.
Table 2. Absolute Maximum Ratings 1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.95
V
4
PLL supply voltage
AVDD
–0.3 to 1.95
V
4
Processor bus supply voltage
BVSEL = 0
OVDD
–0.3 to 1.95
V
3, 6
BVSEL = HRESET or OVDD
OVDD
–0.3 to 2.7
V
3, 7
L3 bus supply voltage
L3VSEL = ¬HRESET
GVDD
–0.3 to 1.65
V
3, 8
L3VSEL = 0
GVDD
–0.3 to 1.95
V
3, 9
L3VSEL = HRESET or GVDD
GVDD
–0.3 to 2.7
V
3, 10
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
2, 5
L3 bus
Vin
–0.3 to GVDD + 0.3
V
2, 5
JTAG signals
Vin
–0.3 to OVDD + 0.3
V
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
2, 5
JTAG signals
Vin
–0.3 to OVDD + 0.3
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only,
and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device
reliability or cause permanent damage to the device.
2. Caution: Vin must not exceed OVDD or GVDD by more than 0.3 V at any time including during power-on reset.
3. Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2.0 V during normal operation; this limit may be
exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
4. Caution: VDD/AVDD must not exceed OVDD/GVDD by more than 1.0 V during normal operation; this limit may be
exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
5. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6. BVSEL must be set to 0, such that the bus is in 1.8 V mode.
7. BVSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.
8. L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5 V mode.
9. L3VSEL must be set to 0, such that the bus is in 1.8 V mode.
10.L3VSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com